PART |
Description |
Maker |
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
AD8592ARM-REEL |
Single CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ...
|
Analog Devices
|
SY10H842L SY10H842LZC SY10H842LZCTR SY100H842LZC S |
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE 100H SERIES, LOW SKEW CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
IHB60S4803 IHB60S4805 IHB60S IHB60S2403 IHB60S2405 |
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 60瓦单输出的半DC / DC变换 60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 60 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
MAX6731AUT MAX6731AUTD MAX6732AUT MAX6732AUTD MAX6 |
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage レP Supervisory Circuits with Independent Watchdog Output
|
Maxim Integrated Products, Inc.
|
P6BU-2415E P6BU-0505E P6BU-0512E P6BU-0515E P6BU-0 |
Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔W的未稳压单输出DIP8 P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8 P6BU - XXXXE 1KV交隔1W的未稳压单输出DIP8
|
http:// PEAK[PEAK electronics GmbH]
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
ZWS30-12 ZWS30-15 ZWS30-24 ZWS30-3 ZWS30-36 ZWS30- |
Mounting Bracket RoHS Compliant: Yes 单输50240 Single output 50W ~ 150W 单输0150 5015 RR 3#8 6#12 PIN RECPO 单输0150 5015 RR 37#16 PIN RECP L/C 单输150240 5015 RR 36#16 PIN RECP LC 单输50240 5015 RR 24#16 SKT RECP L/C AUDIO SOCKET 3.5MM 2P SOLDER 5015 RR 7#8 PIN RECPT Optoswitch; Operating Temperature Range:-25 C to 55 C RoHS Compliant: Yes TB, SUS sheath, heat resistant RoHS Compliant: Yes Single output 5W ~ 300W Single output 150W ~ 240W
|
Pasternack Enterprises, Inc. Applied Micro Circuits, Corp. LAMBDA[DENSEI-LAMBDA]
|
VEFT1-S3.3-S3.3-SMT VEFT1-S3.3-S5-SMT VEFT1-S5-S9- |
1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE single output series dc-dc converter
|
CUI INC,
|
DS31407 |
3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter Differential
|
Maxim Integrated Products
|
POLS06-12T-P |
6A Output Current Rating DC/DC Open Frame Converter Single Output
|
Wall Industries,Inc.
|